PART |
Description |
Maker |
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
TLP222G-2 TLP4202G |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
|
TLP170ATPF TLP170A |
Photorelay (MOSFET output, 1-form-a) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Toshiba Corporation
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
70S2-04-B-03-V |
TRANSISTOR OUTPUT SOLID STATE RELAY
|
GRAYHILL INC
|
LCB126LSTR |
TRANSISTOR OUTPUT SOLID STATE RELAY
|
CLARE INC
|
ODC10/32-AL OAC10/32-AL |
TRANSISTOR OUTPUT SOLID STATE RELAY ROHS COMPLIANT PACKAGE-4 TRIGGER OUTPUT SOLID STATE RELAY ROHS COMPLIANT PACKAGE-5
|
RAF Electronic Hardware
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
TLP595AIFT2-LF4 TLP595ATP1 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
3M Company
|
AQZ264 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
|